Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

102SHS100JS6LE Fiches technique(PDF) 8 Page - Exxelia Group

No de pièce 102SHS100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXXELIA [Exxelia Group]
Site Internet  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHS100JS6LE Fiches technique(HTML) 8 Page - Exxelia Group

Back Button 102SHS100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 12Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CERAMIC CAPACITORS
124
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
II. PARAMETERS OF SUBSTRATES AND CAPACITORS WITCH INFLUENCES THE
PRF
As the PRF is linked to the parasitic parallel capacitance, when the capacitor
is mounted on a PCB, the main parameters witch could influence the PRF are:
• PCB parameters
• Capacitor parameters
- Capacitance value
- Geometry and size
- Electrode orientation (horizontal or vertical)
- Internal design
For example in the following screen plots, we can see that the first PRF is about
1.8GHz when the capacitor is mounted horizontally and is not visible when it
is mounted vertically.
0
0
2
–2
–4
–6
4
GHz
2
1.8
1
3
dB
Horizontal mounting
0
0
2
–2
–4
–6
4
GHz
2
1.8
1
3
dB
Vertical mounting
Figure 9: Example of PRF measurement (501SHB390JS on a FR4 PCB
horizontal and vertical mounting)
[Ref. 1] Monolithic Capacitors as Transmission Lines. Marc INGALLS and Gordon
KENT IEE Transactions on Microwaves Theory and Techniques, Vol. MTT-35,
N°11 november1987, pp. 964-970.
CAPACITOR RELIABILITY DATA MIL-STD CDR
STYLES, RF & AMP; MICROWAVE SYSTEMS
I. TYPICAL RELIABILITY TESTS
• Adhesive Strength of Termination
• Bending Strength
• Solderability of Termination
• Resistance to Soldering Heat
• Thermal shock –55°C to +125°C
• Humidity Load (240 hours, 85% relative humidity at +85°C)
• High Temperature Load (1000/2000h, 125°C, x UN)
II. RELIABILITY DATA MONITORING
II.1. General Manufacturing Process
At each step of the manufacturing process, specific checks have been set-up
to guarantee the quality level of our products. Statistical Process Controls (also
known as SPC) are utilized to monitor key parameters within processes.
In addition to all these in-process controls, a sample of capacitors from each
lot is micro-sectioned to check the internal structure and the absence of voids,
delaminations, cracks or other defects.
When manufacturing is completed, the multilayer ceramic capacitors are fully
screened for Capacitance, Dissipation Factor, Dielectric Withstanding Voltage,
Insulation Resistance and Visual Defects.
II.2. Reliability Testing
During qualification of new capacitor series or at random intervals, EXXELIA
performs life tests – 2,000 hours, +125°C, 2 x WVDC - and uses MIL-PRF-55681
as a guideline. The following parameters best describe our multilayer ceramic
capacitors for military applications:
• data from MIL-PRF- 55681 revision F;
• capacitor, chip, multiple layer, fixed, ceramic dielectric, established
reliability;
• rated temperature: –55°C to +125°C;
• CDR11, CDR12, CDR13 and CDR14 case sizes;
• Failure Rate levels C, M, P, R and S.
The data obtained from our continuous life test monitoring are used to
calculate an equivalent part failure rate and to compare it to the Failure Rate
level as defined in MIL-PRF-55681F. The methods and formulae used are based
on MIL-HDBK271F and MIL-STD-690D.
An acceleration factor of 8:1 is used to relate life test data obtained at 200%
rated voltage at maximum rated temperature, to rated voltage at maximum
rated temperature (125°C). The following formula is used:
AF =
( )x2
V
V0
3
T–T0
10
where V0 is the rated voltage, T0 the rated temperature, V and T the life test
parameters.
III. RELIABILITY DATA SUMMARY
As stated in MIL-STD- 690D, data are accumulated from sample units selected
from a production run and produced with equipment and procedures normally
used in production. One of the prerequisites for valid data is that all lots
produced during the production period be represented. The data are from
the same product in current production, i.e. data from products of preceding
designs are not acceptable.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com