Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

102SHT100JS1LE Fiches technique(PDF) 19 Page - Exxelia Group

No de pièce 102SHT100JS1LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXXELIA [Exxelia Group]
Site Internet  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHT100JS1LE Fiches technique(HTML) 19 Page - Exxelia Group

Back Button 102SHT100JS1LE Datasheet HTML 15Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 16Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 17Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 18Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 19Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 20Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 21Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 22Page - Exxelia Group 102SHT100JS1LE Datasheet HTML 23Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CERAMIC CAPACITORS
135
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
III.2. DUT: 501 CHB 4R7 BC
This sample has a slightly paramagnetic behavior. Its magnetic susceptibility Xg is
around 10–7 uem.CGS/g which is a very low value.
III.3. DUT: 501 CHB 4R7 BS
This sample exhibits a very strong magnetic behavior with a magnetization around
0.6 uem.CGS/g.
III.4. DUT: 501 CHB 4R7 BAL
This sample has paramagnetic behavior with a magnetic susceptibility Xg around
2.3x10–7 uem.CGS/g.
III.5. DUT: 501 CHB 4R7 BC1L
This sample shows a paramagnetic behavior with a magnetic susceptibility Xg around
0.4x10–7 uem.CGS/g.
III.6. DUT: SILVER LEADS
These two samples exhibit very similar diamagnetic behavior. The magnetic susceptibil-
ity Xg is in both cases around -1.6x10–7 uem.CGS/g.
III.7. DUT: AT9401
This sample has a paramagnetic behavior with a relatively high magnetic susceptibility
Xg, around 7.1x10–7 uem.CGS/g.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34