| Moteur de recherche de fiches techniques de composants électroniques |
|
HV2803 Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2803 Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 32 page ![]() HV2803/HV2903/HV2904 DS20005721C-page 10 2017-2019 Microchip Technology Inc. F1 VSS VSS Negative Supply Voltage F2 VDD VDD Positive Supply Voltage F5-F10 GND GND Ground F13 SW22B SW22B Analog Switch 22 Terminal B F14 SW22A SW22A Analog Switch 22 Terminal A G1 SW9A SW9A Analog Switch 9 Terminal A G2 SW9B SW9B Analog Switch 9 Terminal B G5-G10 GND GND Ground G13 SW23B SW23B Analog Switch 23 Terminal B G14 SW23A SW23A Analog Switch 23 Terminal A H1 SW8A SW8A Analog Switch 8 Terminal A H2 SW8B SW8B Analog Switch 8 Terminal B H5-H10 GND GND Ground H13 SW24B SW24B Analog Switch 24 Terminal B H14 SW24A SW24A Analog Switch 24 Terminal A J1 SW7A SW7A Analog Switch 7 Terminal A J2 SW7B SW7B Analog Switch 7 Terminal B J5-J10 GND GND Ground J13 SW25B SW25B Analog Switch 25 Terminal B J14 SW25A SW25A Analog Switch 25 Terminal A K1 SW6A SW6A Analog Switch 6 Terminal A K2 SW6B SW6B Analog Switch 6 Terminal B K5-K10 GND GND Ground K13, K14 NC RGND No Connect/Ground for Bleed Resistor L1, L2 VSS VSS Negative Supply Voltage L13, L14 VSS VSS Negative Supply Voltage M1, M2 VDD VDD Positive Supply Voltage M13, M14 VDD VDD Positive Supply Voltage N1, N2 NC RGND No Connect/Ground for Bleed Resistor N3 SW5B SW5B Analog Switch 5 Terminal B N4 SW4B SW4B Analog Switch 4 Terminal B N5 SW3B SW3B Analog Switch 3 Terminal B N6 SW2B SW2B Analog Switch 2 Terminal B N7 SW1B SW1B Analog Switch 1 Terminal B N8 SW0B SW0B Analog Switch 0 Terminal B N9 SW31B SW31B Analog Switch 31 Terminal B N10 SW30B SW30B Analog Switch 30 Terminal B N11 SW29B SW29B Analog Switch 29 Terminal B N12 SW28B SW28B Analog Switch 28 Terminal B N13 SW27B SW27B Analog Switch 27 Terminal B N14 SW26B SW26B Analog Switch 26 Terminal B TABLE 2-1: PIN FUNCTION TABLE (CONTINUED) Pin Number Symbol Description HV2803 HV2903, HV2904 |