| Moteur de recherche de fiches techniques de composants électroniques |
|
LP048 Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP048 Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 33 page ![]() 3.2 EVM Jumpers Table 3-2 lists the jumpers on the TPS38700Q1EVM. As ordered, the EVM will have sixteen (16) jumpers installed. Figure 3-1 is provided as visual aid. Table 3-2. List of On-board Jumpers JUMPER DEFAULT JUMPER CONFIGUATION DESCRIPTION J1 VBAT For connecting VBAT power to the EVM J2 VDD For connecting VDD power to the EVM J3 & J4 Shunt to bottom position For connecting NRST and NIRQ to P1V8 or PEXT (Any external power) J5 GND For connecting GND to the EVM J6 P1V8 For pulling- up ENABLE pins to P1V8 or VENX (Any external voltage) J7 - J18 No connect For pulling-up or down ENABLE pins (Only for open-drain configuration)/No connection for push-pull confiugration J16 Shunt to top position For pulling-up EN10 pin to P1V8. J19 Connect For connecting the EVM to TI's USB Interface Adapter J20, J29, & J31 No connect For connecting the on-board buffer to either P1V8, PEXT or P1V2. Only shunt one of these jumpers when using the buffer. Please revmove the shunt of J21 when using one of these jumpers. J21 Shunt For connecting the on-board bufffer IC to P3V3 J22 & J23 Shunt For I2C lines to bypass buffer. J24, J25, J27 & J28 No connect For I2C lines to use the on-board buffer. J30 No connect For connecting VBAT to PEXT J32 No connect For connecting VENX to VBAT J34 & J35 No connect For manually pulling down NSLEEP and ACT pins Figure 3-1. Jumper Settings EVM Connectors www.ti.com 18 TPS38700Q1EVM Voltage Sequencer SNVU771A – JULY 2021 – REVISED APRIL 2022 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated |