| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP240GAF Fiches technique(PDF) 13 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP240GAF Fiches technique(HTML) 13 Page - Toshiba Semiconductor |
|
13 / 19 page ![]() TLP240GA,TLP240GAF 13 20. 20. 20. 20. Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Ordering Information (Example of Item Name) Item Name TLP240GA(F TLP240GA(LF1,F TLP240GA(LF5,F TLP240GA(TP1,F TLP240GA(TP5,F TLP240GA(D4,F TLP240GA(D4LF1,F TLP240GA(D4LF5,F TLP240GA(D4TP1,F TLP240GA(D4TP5,F TLP240GAF(F TLP240GAF(LF4,F TLP240GAF(TP4,F TLP240GAF(D4,F TLP240GAF(D4LF4F TLP240GAF(D4TP4F Packaging (Note 1) TH LF1 LF5 LF1 LF5 TH LF1 LF5 LF1 LF5 TH, Wide forming LF4, Wide forming LF4, Wide forming TH, Wide forming LF4, Wide forming LF4, Wide forming VDE Option EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 EN 60747-5-5 Packing (MOQ) Magazine (100 pcs) Magazine (100 pcs) Magazine (100 pcs) Tape and reel (1500 pcs) Tape and reel (1500 pcs) Magazine (100 pcs) Magazine (100 pcs) Magazine (100 pcs) Tape and reel (1500 pcs) Tape and reel (1500 pcs) Magazine (100 pcs) Magazine (100 pcs) Tape and reel (1000 pcs) Magazine (100 pcs) Magazine (100 pcs) Tape and reel (1000 pcs) Note 1: TH: Through-hole, LF: Lead forming for surface mount 21. 21. 21. 21. Devices in Halogen-Free Resin Packages Devices in Halogen-Free Resin Packages Devices in Halogen-Free Resin Packages Devices in Halogen-Free Resin Packages This product is Halogen-Free Toshiba Electronic Devices & Storage Corporation ("Toshiba") defines a "Halogen-Free resin semiconductor product" as a semiconductor product in which: (1) the encapsulating resins do not contain any of the following elements: bromine (Br), chlorine (Cl) and antimony (Sb), respectively, in an amount exceeding 0.09 weight percent, and do not contain chlorine and bromine in an aggregate amount exceeding 0.15 weight percent of the encapsulating resins, and/or (2) the resin portion(s) in printed circuit boards do not contain any of the following elements: bromine, chlorine and antimony, respectively, in an amount exceeding 0.09 weight percent, and do not contain chlorine and bromine in an aggregate amount exceeding 0.15 weight percent of the each resin portion(s) in printed circuit boards. For avoidance of doubt, "Halogen-Free resin semiconductor product" does not mean, and Toshiba does not make any warranty of any kind, that said semiconductor product is entirely free of antimony or of any of the following elements of the halogen family: bromine, chlorine, iodine (I), fluorine (F) and astatine (At). In addition, a Halogen-Free resin semiconductor product may contain antimony and/or any of the elements of the halogen family as mentioned in the above paragraph in one or more portion(s) of the semiconductor product other than the encapsulating resins and the resin portion(s) in printed circuit boards. The information provided herein is accurate as of the date that it was provided, to the best of the knowledge and belief of the Toshiba Electronic Devices & Storage Corporation ("Toshiba"), Toshiba bases such knowledge and belief on information provided by third parties, and Toshiba makes no representation or warranty as to the accuracy of such third party information. Toshiba has taken and will continue to take, reasonable steps to provide accurate information to its customers, but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. 2020-02-04 Rev.8.0 ©2016-2020 Toshiba Electronic Devices & Storage Corporation |