Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP223GAF Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TLP223GAF
Description  Photocouplers Photorelay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP223GAF Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP223GAF Datasheet HTML 5Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 6Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 7Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 8Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 9Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 10Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 11Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 12Page - Toshiba Semiconductor TLP223GAF Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLP223GA,TLP223GAF
9
17. EN 60747-5-5 Option (D4) Specification
•
Part number: TLP223GA (Note 1)
•
The following part naming conventions are used for the devices that have been qualified according to
option (D4) of EN 60747.
Example: TLP223GA(D4TP1,F
D4: EN 60747 option
TP1: Tape type
F: [[G]]/RoHS COMPATIBLE (Note 2)
Note 1: Use TOSHIBA standard type number for safety standard application.
e.g., TLP223GA(D4TP1,F → TLP223GA
Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Fig. 17.1
EN 60747 Insulation Characteristics
2022-02-02
Rev.4.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18