| Moteur de recherche de fiches techniques de composants électroniques |
|
M18BC Fiches technique(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
M18BC Fiches technique(HTML) 1 Page - 3M Electronics |
|
1 / 2 page ![]() Scotchlok™ Terminals M18BC, M14BC, M10BC Butt Connector, Non-Insulated, Seamless Data Sheet Specifications Wire Size: See Table Above Barrel Seam: Seamless Maximum Current: Same as Wire Terminal Material: ETP Copper Terminal Plating: Tin Installation Information UL Listed and CSA Certified for use on stranded copper (AWG) wire only. Strip away the end 3/8 inch of wire insulation. Make the crimp in the proper station of a recommended 3M crimp tool: TH-440, TH-450 (scissor style) or TR-490 (ratchet style) hand tools. UNDERWRITERS LABORATORIES STANDARD NO. UL 486C 3M FILE NO. E23438 CANADIAN STANDARDS ASSOCIATION STANDARD NO. 22.2 NO. 0, 65 3M FILE NO. LR22190 Barrel Crimp (Required) L WARNING Turn power off before installing or removing terminal. All electrical work should be done according to appropriate electrical codes. t c u d o r P r e b m u N e g n a R e r i W ) G W A (L s s e n k c i h T l e r r a B h t g n e L l e r r a B . D . I C B 8 1 M8 1 - 2 23 6 . 01 3 0 . 08 2 . 02 6 0 . 0 C B 4 1 M4 1 - 6 16 6 . 01 3 0 . 00 3 . 05 9 0 . 0 C B 0 1 M0 1 - 2 11 8 . 08 3 0 . 08 3 . 02 4 1 . 0 |
Numéro de pièce similaire - M18BC |
|
Description similaire - M18BC |