Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IN100-D1-R-RC1F Fiches technique(PDF) 43 Page - List of Unclassifed Manufacturers

No de pièce IN100-D1-R-RC1F
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1F Fiches technique(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1F Datasheet HTML 39Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 40Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 41Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 42Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 43Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 44Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 45Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 46Page - List of Unclassifed Manufacturers IN100-D1-R-RC1F Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
42 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
9. Package Dimension
The device is available in QFN18 and DFN8 packages. Both packages are RoHS/green compliant.
This device has two thicknesses due to different manufacturers.
9.1. QFN18
Figure 22 : QFN18 POD IN100-Q1-R-RC1I/ IN100-Q1-R-RC1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49