| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7499SA Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7499SA Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 11 page ![]() TDA7499SA 8/11 7 CLIPWATT ASSEMBLING SUGGESTIONS The suggested mounting method of Clipwatt on external heat sink, requires the use of a clip placed as much as possible in the plastic body center, as indicated in the example of figure 8. A thermal grease can be used in order to reduce the additional thermal resistance of the contact between pack- age and heatsink. A pressing force of 7 - 10 Kg gives a good contact and the clip must be designed in order to avoid a maximum contact pressure of 15 Kg/mm2 between it and the plastic body case. As example , if a 15Kg force is applied by the clip on the package, the clip must have a contact area of 1mm2 at least. Figure 11. Example of Right Placement of the Clip |