| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT71D03 Fiches technique(PDF) 9 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT71D03 Fiches technique(HTML) 9 Page - Exar Corporation |
|
9 / 24 page ![]() áç áç áç áç XRT71D03 3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR REV. 1.2.0 8 63 DJA_1/SDI I Hardware Mode Disable Jitter Attenuator Input - Channel 1: See description of pin 25 Host Mode Serial Data Input The address value (of the command registers) or the data value is either Read or Written through this pin. The input data will be sampled on the rising edge of the SCLK pin. Internal 50 K Ohm pull-down resistor. 64 AGND **** Analog Ground PIN DESCRIPTION PIN #NAME TYPE DESCRIPTION |