Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REC1206CT-R500JN-83 Fiches technique(PDF) 1 Page - Vishay Barry

No de pièce REC1206CT-R500JN-83
Description  BeO or BeO FREE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BARRY [Vishay Barry]
Site Internet  https://barryind.com/
Logo BARRY - Vishay Barry

REC1206CT-R500JN-83 Fiches technique(HTML) 1 Page - Vishay Barry

  REC1206CT-R500JN-83 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REC1206CT-XXXXJN-AA
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
Features:
♦ BeO or BeO FREE
TM
♦ Surface Mount
♦ .5 Ohms to 1Mohm
General Description:
The REC1206CT-XXXXJN-AA* is a
50 Ohm standard (.5 - 1Megohm available) surface
mountable high power chip resistor ideal for small
assemblies. It is available in BeO and BeO FREE
materials. Power rating based on a 100°C maximum
heat sink temperature.
See below for ordering options
-83 - .025" BeO FREE .... 5 Watts Max
-98 - .025" BeO..................12 Watts Max
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
E
E
R
F
O
e
B
"
5
2
0
.
M
T
5
S
T
T
A
W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O
e
B
"
5
2
0
.
2
1
S
T
T
A
W
e
r
u
t
a
r
e
p
m
e
T
k
n
i
S
t
a
e
H0
0
1C
°
e
t
a
D
.v
e
R
4
0
/
3
1
/
4
0
A
TM
RoHS
COMPLIANT
TM
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry is ISO 9001:2000 Certified by
TUV
MANAGEMENT SERVICE
ISO 9001
* Barry Industries reserves the right to change part number and or process without notification


Numéro de pièce similaire - REC1206CT-R500JN-83

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
REC1206CT-R500JN-2S BARRY-REC1206CT-R500JN-2S Datasheet
72Kb / 1P
ALUMINUM NITRIDE
Rev.B 01/09/14
More results

Description similaire - REC1206CT-R500JN-83

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
TZC2525CT-XXXXJN-83-01 BARRY-TZC2525CT-XXXXJN-83-01 Datasheet
123Kb / 1P
BeO FREE
Rev.A 03/09/09
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
RY0805CT-XXXXJN-98 BARRY-RY0805CT-XXXXJN-98 Datasheet
168Kb / 1P
BeO or BeO FREE
Rev.B 04/08/04
RZ0805CT-XXXXWN-AA BARRY-RZ0805CT-XXXXWN-AA Datasheet
183Kb / 1P
BeO, Aluminum Nitride or BeO Free
Rev.B 9/25/07
AVC2525CT-0300JN-83-01 BARRY-AVC2525CT-0300JN-83-01 Datasheet
550Kb / 1P
BeO FREE
Rev.A 06/08/07
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com