Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REC1206CT-R500JN-2S Fiches technique(PDF) 1 Page - Vishay Barry

No de pièce REC1206CT-R500JN-2S
Description  ALUMINUM NITRIDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BARRY [Vishay Barry]
Site Internet  https://barryind.com/
Logo BARRY - Vishay Barry

REC1206CT-R500JN-2S Fiches technique(HTML) 1 Page - Vishay Barry

  REC1206CT-R500JN-2S Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REC1206CT-XXXXJN-2S
ALUMINUM NITRIDE
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
.
g
r
O
e
t
a
D
.
v
e
R
e
t
a
D
.
v
e
R
4
0
/
5
0
/
3
0
4
1
/
9
0
/
1
0
B
RoHS
COMPLIANT
TM
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703
T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System
Barry Industries reserves the right to change part number and or process without notification
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
t
u
p
n
I
0
1s
t
t
a
W
e
c
n
a
t
s
i
s
e
R%
5
-
/
+s
m
h
O
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O5
5
-0
5
1C
°
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M
0
0
1
)
r
e
w
o
P
%
0
(
0
5
1
C
°
0.120 [3.048]
0.060 [1.524]
0.025 [0.635]
0.025 [0.635]
0.048
[1.219]
Mounting Surface to Heat Sink
Metalized Areas =
Features:
♦ AlN Material
♦ CT - Matte Tin over
Nickel over Silver
♦ 10 Watt Input Power
♦ Surface Mountable
General Description:
The REC1206CT-XXXX*JN-2S is a 50
ohm standard (10 - 1k ohm available) surface
mountable high power chip resistor ideal for
small assemblies. It offers an input power
rating of 10 watts, while maintaining a constant
mounting surface temperature of 100oC.
Dimensions in inches [mm]
Tolerance +/- .005 [.127]
unless otherwise stated


Numéro de pièce similaire - REC1206CT-R500JN-2S

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
REC1206CT-R500JN-83 BARRY-REC1206CT-R500JN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
REC1206CT-R500JN-98 BARRY-REC1206CT-R500JN-98 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
More results

Description similaire - REC1206CT-R500JN-2S

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
TA1000-800-10X BARRY-TA1000-800-10X Datasheet
63Kb / 1P
Aluminum Nitride
Rev.09/24/12
TA50R0-800-15X BARRY-TA50R0-800-15X Datasheet
68Kb / 1P
Aluminum Nitride
Revision Date 06/19/12
TV1005CT-50R0JN-2Q-01 BARRY-TV1005CT-50R0JN-2Q-01 Datasheet
157Kb / 1P
ALUMINUM NITRIDE
Rev.A 02/06/04
TA50R0-100-2X BARRY-TA50R0-100-2X Datasheet
158Kb / 1P
Aluminum Nitride
Rev.A 04/09/04
TA50R0-100-7X BARRY-TA50R0-100-7X Datasheet
128Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/14/10
TVC2335CT-50R0GN-2T-15 BARRY-TVC2335CT-50R0GN-2T-15 Datasheet
549Kb / 1P
ALUMINUM NITRIDE
02/23/07
TVC3523CT-50R0GN-2T BARRY-TVC3523CT-50R0GN-2T Datasheet
160Kb / 1P
ALUMINUM NITRIDE
05/23/08
D06Z-50R0J2T-04C36-X BARRY-D06Z-50R0J2T-04C36-X Datasheet
176Kb / 1P
ALUMINUM NITRIDE
Rev.B 04/18/08
TVC3737CT-50R0JN-2T-04 BARRY-TVC3737CT-50R0JN-2T-04 Datasheet
178Kb / 1P
ALUMINUM NITRIDE
Rev.C 04/18/08
TZC3725CT-XXXXJN-2T-01 BARRY-TZC3725CT-XXXXJN-2T-01 Datasheet
191Kb / 1P
ALUMINUM NITRIDE
Rev.C 06/14/06
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com