Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBP062 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce STBP062
Description  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBP062 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  STBP062 Datasheet HTML 1Page - EIC discrete Semiconductors STBP062 Datasheet HTML 2Page - EIC discrete Semiconductors STBP062 Datasheet HTML 3Page - EIC discrete Semiconductors STBP062 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STBP062
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
STBP562
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
STBP068
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
STBP568
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
STBP075
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
STBP575
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
STBP082
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105
STBP582
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
STBP091
81.9
100
1.0
73.7
5.0
3.2
131
0.106
STBP591
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
STBP0B0
90.0
110
1.0
81.0
5.0
2.9
144
0.106
STBP5B0
95.0
105
1.0
85.5
5.0
3.1
137
0.106
STBP0B1
99.0
121
1.0
89.2
5.0
2.7
158
0.107
STBP5B1
105
116
1.0
94.0
5.0
2.8
152
0.107
STBP0B2
108
132
1.0
97.2
5.0
2.4
173
0.107
STBP5B2
114
126
1.0
102
5.0
2.5
165
0.107
STBP0B3
117
143
1.0
105
5.0
2.2
187
0.107
STBP5B3
124
137
1.0
111
5.0
2.3
179
0.107
STBP0B5
135
165
1.0
121
5.0
2.0
215
0.108
STBP5B5
143
158
1.0
128
5.0
2.0
207
0.108
STBP0B6
144
176
1.0
130
5.0
1.8
230
0.108
STBP5B6
152
168
1.0
136
5.0
1.9
219
0.108
STBP0B7
153
187
1.0
138
5.0
1.7
244
0.108
STBP5B7
162
179
1.0
145
5.0
1.8
234
0.108
STBP0B8
162
198
1.0
146
5.0
1.6
258
0.108
STBP5B8
171
189
1.0
154
5.0
1.7
246
0.108
STBP0D0
180
220
1.0
162
5.0
1.5
287
0.108
STBP5D0
190
210
1.0
171
5.0
1.53
274
0.108
STBP0D2
198
242
1.0
175
5.0
1.16
344
0.108
STBP5D2
209
231
1.0
185
5.0
1.22
328
0.108
STBP0D5
225
275
1.0
202
5.0
1.11
360
0.110
STBP5D5
237
263
1.0
214
5.0
1.16
344
0.110
STBP0E0
270
330
1.0
243
5.0
0.93
430
0.110
STBP5E0
285
315
1.0
256
5.0
0.97
414
0.110
STBP0E5
315
385
1.0
284
5.0
0.79
504
0.110
STBP5E5
332
368
1.0
300
5.0
0.83
482
0.110
STBP0G0
360
440
1.0
324
5.0
0.70
574
0.110
STBP5G0
380
420
1.0
342
5.0
0.73
548
0.110
STBP0G4
396
484
1.0
356
5.0
0.95
631
0.110
STBP5G4
418
462
1.0
376
5.0
1.00
602
0.110
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 03 : March 25, 2005



Html Pages

1 2 3 4