Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI74FCT273ATS Fiches technique(PDF) 5 Page - Pericom Semiconductor Corporation

No de pièce PI74FCT273ATS
Description  Fast CMOS Octal D Flip-Flop with Master Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT273ATS Fiches technique(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT273ATS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT273ATS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT273ATS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT273ATS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT273ATS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT273ATS Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS2013B
10/07/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT273T
Octal D Flip-Flop with Master Reset
Packaging Mechanical: 20-pin QSOP (Q)
Packaging Mechanical: 20-Pin TSSOP (L)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
.150
.157
1
20
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.19
0.41
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.058
1.47
.015 x 45˚
0.38
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
.252
.260
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.238
.269
1
20
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
6.4
6.6
0.65
0.19
0.30
.007
.012
Max



Html Pages

1 2 3 4 5 6