Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUN024 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce STUN024
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUN024 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  STUN024 Datasheet HTML 1Page - EIC discrete Semiconductors STUN024 Datasheet HTML 2Page - EIC discrete Semiconductors STUN024 Datasheet HTML 3Page - EIC discrete Semiconductors STUN024 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STUN062
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
STUN562
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
STUN068
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
STUN568
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
STUN075
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
STUN575
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
STUN082
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
STUN582
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
STUN091
81.9
100
1.0
73.7
5.0
11.4
131
0.106
STUN591
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
STUN0B0
90.0
110
1.0
81.0
5.0
10.4
144
0.106
STUN5B0
95.0
105
1.0
85.5
5.0
11.0
137
0.106
STUN0B1
99.0
121
1.0
89.2
5.0
9.5
158
0.107
STUN5B1
105
116
1.0
94.0
5.0
9.9
152
0.107
STUN0B2
108
132
1.0
97.2
5.0
8.7
173
0.107
STUN5B2
114
126
1.0
102
5.0
9.1
165
0.107
STUN0B3
117
143
1.0
105
5.0
8.0
187
0.107
STUN5B3
124
137
1.0
111
5.0
8.4
179
0.107
STUN0B5
135
165
1.0
121
5.0
7.0
215
0.108
STUN5B5
143
158
1.0
128
5.0
7.2
207
0.108
STUN0B6
144
176
1.0
130
5.0
6.5
230
0.108
STUN5B6
152
168
1.0
136
5.0
6.8
219
0.108
STUN0B7
153
187
1.0
138
5.0
6.2
244
0.108
STUN5B7
162
179
1.0
145
5.0
6.4
234
0.108
STUN0B8
162
198
1.0
146
5.0
5.8
258
0.108
STUN5B8
171
189
1.0
154
5.0
6.1
246
0.108
STUN0D0
180
220
1.0
162
5.0
5.2
287
0.108
STUN5D0
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
( 3 ) "STU" or "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 02 : March 25, 2005
TYPE



Html Pages

1 2 3 4