Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBN024 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce STBN024
Description  SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STBN024 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  STBN024 Datasheet HTML 1Page - EIC discrete Semiconductors STBN024 Datasheet HTML 2Page - EIC discrete Semiconductors STBN024 Datasheet HTML 3Page - EIC discrete Semiconductors STBN024 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STBN062
55.8
68.2
1.0
50.2
5.0
16.9
89.0
0.104
STBN562
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
STBN068
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
STBN568
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
STBN075
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
STBN575
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
STBN082
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
STBN582
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
STBN091
81.9
100
1.0
73.7
5.0
11.4
131
0.106
STBN591
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
STBN0B0
90.0
110
1.0
81.0
5.0
10.4
144
0.106
STBN5B0
95.0
105
1.0
85.5
5.0
11.0
137
0.106
STBN0B1
99.0
121
1.0
89.2
5.0
9.5
158
0.107
STBN5B1
105
116
1.0
94.0
5.0
9.9
152
0.107
STBN0B2
108
132
1.0
97.2
5.0
8.7
173
0.107
STBN5B2
114
126
1.0
102
5.0
9.1
165
0.107
STBN0B3
117
143
1.0
105
5.0
8.0
187
0.107
STBN5B3
124
137
1.0
111
5.0
8.4
179
0.107
STBN0B5
135
165
1.0
121
5.0
7.0
215
0.108
STBN5B5
143
158
1.0
128
5.0
7.2
207
0.108
STBN0B6
144
176
1.0
130
5.0
6.5
230
0.108
STBN5B6
152
168
1.0
136
5.0
6.8
219
0.108
STBN0B7
153
187
1.0
138
5.0
6.2
244
0.108
STBN5B7
162
179
1.0
145
5.0
6.4
234
0.108
STBN0B8
162
198
1.0
146
5.0
5.8
258
0.108
STBN5B8
171
189
1.0
154
5.0
6.1
246
0.108
STBN0D0
180
220
1.0
162
5.0
5.2
287
0.108
STBN5D0
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 04 : March 25, 2005
TYPE



Html Pages

1 2 3 4