Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5KP60C Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce 5KP60C
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

5KP60C Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  5KP60C Datasheet HTML 1Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 2Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 3Page - EIC discrete Semiconductors 5KP60C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ IT
Reverse
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Stand off
Reverse Leakage
Peak Pulse
Clamping
Temperature
Voltage
@ VRM
Current (Note2)
Voltage @ IPPM
Coefficient
VBR (V)
IT
VRM
IR
IPPM
VC
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(%/
°C)
5KP36C
40.0
48.9
5.0
36
10
78
64.3
0.104
5KP36CA
40.0
44.2
5.0
36
10
86
58.1
0.104
5KP40C
44.4
54.3
5.0
40
10
70
71.4
0.105
5KP40CA
44.4
49.1
5.0
40
10
78
64.5
0.105
5KP43C
47.8
58.4
5.0
43
10
65
76.7
0.105
5KP43CA
47.8
52.8
5.0
43
10
72
69.4
0.105
5KP45C
50.0
61.1
5.0
45
10
62
80.3
0.106
5KP45CA
50.0
55.3
5.0
45
10
69
72.7
0.106
5KP48C
53.3
65.2
5.0
48
10
58
85.5
0.106
5KP48CA
53.3
58.9
5.0
48
10
65
77.4
0.106
5KP51C
56.7
69.3
5.0
51
10
55
91.1
0.107
5KP51CA
56.7
62.7
5.0
51
10
61
82.4
0.107
5KP54C
60.0
73.3
5.0
54
10
52
96.3
0.107
5KP54CA
60.0
66.3
5.0
54
10
57
87.1
0.107
5KP58C
64.4
78.7
5.0
58
10
49
103
0.107
5KP58CA
64.4
71.2
5.0
58
10
53
94
0.107
5KP60C
66.7
81.5
5.0
60
10
47
107
0.108
5KP60CA
66.7
73.7
5.0
60
10
52
97
0.108
5KP64C
71.1
96.9
5.0
64
10
44
114
0.108
5KP64CA
71.1
78.6
5.0
64
10
49
103
0.108
5KP70C
77.6
95.1
5.0
70
10
40
125
0.108
5KP70CA
77.6
86.0
5.0
70
10
44
113
0.108
5KP75C
83.3
102
5.0
75
10
37
134
0.108
5KP75CA
83.3
92.1
5.0
75
10
41
121
0.108
5KP78C
86.7
106
5.0
78
10
36
139
0.108
5KP78CA
86.7
95.8
5.0
78
10
40
126
0.108
5KP85C
94.4
115
5.0
85
10
33
151
0.108
5KP85CA
94.4
104
5.0
85
10
36
137
0.110
5KP90C
100
122
5.0
90
10
31
160
0.110
5KP90CA
100
111
5.0
90
10
34
146
0.110
5KP100C
111
136
5.0
100
10
28
179
0.110
5KP100CA
111
123
5.0
100
10
31
162
0.110
5KP110C
122
149
5.0
110
10
26
196
0.112
5KP110CA
122
135
5.0
110
10
28
177
0.112
5KP120C
133
163
5.0
120
10
24
211
0.112
5KP120CA
133
147
5.0
120
10
26
194
0.112
5KP150C
167
204
5.0
150
10
19
263
0.112
5KP150CA
167
184
5.0
150
10
21
242
0.112
5KP160C
178
217
5.0
160
10
18
281
0.114
5KP160CA
178
196
5.0
160
10
19
258
0.114
5KP180C
200
244
5.0
180
10
16
316
0.114
5KP180CA
200
221
5.0
180
10
17
290
0.114
Note:
( 1 ) VBR measured after IT applied for 300
µs., IT = square wave pulse or equivalent.
Page 3 of 4
Rev.
06 : March 25, 2005
Type



Html Pages

1 2 3 4