Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5KP40C Fiches technique(PDF) 2 Page - EIC discrete Semiconductors

No de pièce 5KP40C
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

5KP40C Fiches technique(HTML) 2 Page - EIC discrete Semiconductors

  5KP40C Datasheet HTML 1Page - EIC discrete Semiconductors 5KP40C Datasheet HTML 2Page - EIC discrete Semiconductors 5KP40C Datasheet HTML 3Page - EIC discrete Semiconductors 5KP40C Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ IT
Reverse
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Stand off
Reverse Leakage
Peak Pulse
Clamping
Temperature
Voltage
@ VRM
Current (Note2)
Voltage @ IPPM
Coefficient
VBR (V)
IT
VRM
IR
IPPM
VC
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(%/
°C)
5KP5.0C
6.40
7.30
50
5.0
10000
520
9.60
0.057
5KP5.0CA
6.40
7.00
50
5.0
10000
543
9.20
0.057
5KP6.0C
6.67
8.15
50
6.0
10000
439
11.4
0.061
5KP6.0CA
6.67
7.37
50
6.0
10000
485
10.3
0.061
5KP6.5C
7.22
8.82
50
6.5
4000
407
12.3
0.065
5KP6.5CA
7.22
7.98
50
6.5
4000
447
11.2
0.065
5KP7.0C
7.78
9.51
5.0
7.0
2000
378
13.3
0.068
5KP7.0CA
7.78
8.60
5.0
7.0
2000
417
12.0
0.068
5KP7.5C
8.33
10.2
5.0
7.5
500
350
14.3
0.073
5KP7.5CA
8.33
9.21
5.0
7.5
500
388
12.9
0.073
5KP8.0C
8.89
10.9
5.0
8.0
300
333
15.0
0.075
5KP8.0CA
8.89
9.83
5.0
8.0
300
367
13.6
0.075
5KP8.5C
9.44
11.5
5.0
8.5
100
314
15.9
0.078
5KP8.5CA
9.44
10.4
5.0
8.5
100
347
14.4
0.078
5KP9.0C
10.0
12.2
5.0
9.0
40
295
16.9
0.081
5KP9.0CA
10.0
11.1
5.0
9.0
40
325
15.4
0.081
5KP10C
11.1
13.6
5.0
10
30
266
18.8
0.084
5KP10CA
11.1
12.3
5.0
10
30
294
17.0
0.084
5KP11C
12.2
14.9
5.0
11
10
249
20.1
0.086
5KP11CA
12.2
13.5
5.0
11
10
274
18.2
0.086
5KP12C
13.3
16.3
5.0
12
10
227
22.0
0.088
5KP12CA
13.3
14.7
5.0
12
10
251
19.9
0.088
5KP13C
14.4
17.6
5.0
13
10
210
23.8
0.090
5KP13CA
14.4
15.9
5.0
13
10
232
21.5
0.090
5KP14C
15.6
19.1
5.0
14
10
194
25.8
0.092
5KP14CA
15.6
17.2
5.0
14
10
215
23.2
0.092
5KP15C
16.7
20.4
5.0
15
10
188
26.9
0.094
5KP15CA
16.7
18.5
5.0
15
10
206
24.4
0.094
5KP16C
17.8
21.8
5.0
16
10
176
28.8
0.096
5KP16CA
17.8
19.7
5.0
16
10
192
26.0
0.096
5KP17C
18.9
23.1
5.0
17
10
164
30.5
0.097
5KP17CA
18.9
20.9
5.0
17
10
181
27.6
0.097
5KP18C
20.0
24.4
5.0
18
10
155
32.2
0.098
5KP18CA
20.0
22.1
5.0
18
10
172
29.2
0.098
5KP20C
22.2
27.1
5.0
20
10
139
35.8
0.099
5KP20CA
22.2
24.5
5.0
20
10
154
32.4
0.099
5KP22C
24.4
29.8
5.0
22
10
127
39.4
0.100
5KP22CA
24.4
26.9
5.0
22
10
141
35.5
0.100
5KP24C
26.7
32.6
5.0
24
10
116
43.0
0.101
5KP24CA
26.7
29.5
5.0
24
10
128
38.9
0.101
5KP26C
28.9
35.3
5.0
26
10
107
46.6
0.101
5KP26CA
28.9
31.9
5.0
26
10
119
42.1
0.101
5KP28C
31.1
38.0
5.0
28
10
99
50.1
0.102
5KP28CA
31.1
34.4
5.0
28
10
110
45.4
0.102
5KP30C
33.3
40.7
5.0
30
10
93
53.5
0.103
5KP30CA
33.3
36.8
5.0
30
10
103
48.4
0.103
5KP33C
36.7
44.9
5.0
33
10
85
59.0
0.104
5KP33CA
36.7
40.6
5.0
33
10
94
53.3
0.104
Page 2 of 4
Rev.
06 : March 25, 2005
Type



Html Pages

1 2 3 4