Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT16952CSSCX Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74ABT16952CSSCX
Description  16-Bit Registered Transceiver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT16952CSSCX Fiches technique(HTML) 6 Page - National Semiconductor (TI)

  74ABT16952CSSCX Datasheet HTML 1Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 2Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 3Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 4Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 5Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 6Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 7Page - National Semiconductor (TI) 74ABT16952CSSCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Loading (Continued)
TLF11647 – 7
FIGURE 5 TRI-STATE Output HIGH
and LOW Enable and Disable Times
TLF11647 – 8
FIGURE 6 Setup Time Hold Time
and Recovery Time Waveforms
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
TLF11647 – 9
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8