| Moteur de recherche de fiches techniques de composants électroniques |
|
SS34 Fiches technique(PDF) 4 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
SS34 Fiches technique(HTML) 4 Page - Continental Device India Limited |
|
4 / 4 page ![]() Tape Reel Dia. Inside Reel Width Thickness Thickness A - Max W T - max DO-214A A (SMB) 12 330 12.4 ± 2 18.4 All Dimensions are in mm SS32_S300Rev290405E Reel Dimensions for SMD Package Package Disclaimer Reel Specifications Component Disposal Instructions The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com Continental Device India Limited Data Sheet Page 4 of 4 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE). SS32 - S300 DO-214AA (SMB) Surface Mount Package |