Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS32 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce SS32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

SS32 Fiches technique(HTML) 3 Page - Continental Device India Limited

  SS32 Datasheet HTML 1Page - Continental Device India Limited SS32 Datasheet HTML 2Page - Continental Device India Limited SS32 Datasheet HTML 3Page - Continental Device India Limited SS32 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
DO-214AA (SMB)
T&R
5,000
50K
46 x 38 x 22
8.9
T & R: Tape and Reel
SS32_S300Rev290405E
All Dimensions are in mm
Inner Carton
Outer Carton
SMB Packing Tape
Continental Device India Limited
Data Sheet
Page 3 of 4
SS32 - S300
DO-214AA (SMB)
Surface Mount Package



Html Pages

1 2 3 4