Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SST26WF064C Fiches technique(PDF) 64 Page - Microchip Technology

No de pièce SST26WF064C
Description  1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF064C Fiches technique(HTML) 64 Page - Microchip Technology

Back Button SST26WF064C Datasheet HTML 60Page - Microchip Technology SST26WF064C Datasheet HTML 61Page - Microchip Technology SST26WF064C Datasheet HTML 62Page - Microchip Technology SST26WF064C Datasheet HTML 63Page - Microchip Technology SST26WF064C Datasheet HTML 64Page - Microchip Technology SST26WF064C Datasheet HTML 65Page - Microchip Technology SST26WF064C Datasheet HTML 66Page - Microchip Technology SST26WF064C Datasheet HTML 67Page - Microchip Technology SST26WF064C Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 94 page
background image
SST26WF064C
DS20005430C-page 64
 2016-2018 Microchip Technology Inc.
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94