Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

48LM01 Fiches technique(PDF) 32 Page - Microchip Technology

No de pièce 48LM01
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48LM01 Fiches technique(HTML) 32 Page - Microchip Technology

Back Button 48LM01 Datasheet HTML 28Page - Microchip Technology 48LM01 Datasheet HTML 29Page - Microchip Technology 48LM01 Datasheet HTML 30Page - Microchip Technology 48LM01 Datasheet HTML 31Page - Microchip Technology 48LM01 Datasheet HTML 32Page - Microchip Technology 48LM01 Datasheet HTML 33Page - Microchip Technology 48LM01 Datasheet HTML 34Page - Microchip Technology 48LM01 Datasheet HTML 35Page - Microchip Technology 48LM01 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 32
48L512/48LM01
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-SN Rev E
8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm Body [SOIC]
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40