Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

48L512 Fiches technique(PDF) 30 Page - Microchip Technology

No de pièce 48L512
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48L512 Fiches technique(HTML) 30 Page - Microchip Technology

Back Button 48L512 Datasheet HTML 26Page - Microchip Technology 48L512 Datasheet HTML 27Page - Microchip Technology 48L512 Datasheet HTML 28Page - Microchip Technology 48L512 Datasheet HTML 29Page - Microchip Technology 48L512 Datasheet HTML 30Page - Microchip Technology 48L512 Datasheet HTML 31Page - Microchip Technology 48L512 Datasheet HTML 32Page - Microchip Technology 48L512 Datasheet HTML 33Page - Microchip Technology 48L512 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 30
48L512/48LM01
0.25
C A–B D
C
SEATING
PLANE
TOP VIEW
SIDE VIEW
VIEW A–A
0.10 C
0.10 C
Microchip Technology Drawing No. C04-057-SN Rev E Sheet 1 of 2
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm (.150 In.) Body [SOIC]
1
2
N
h
h
A1
A2
A
A
B
e
D
E
E
2
E1
2
E1
NOTE 5
NOTE 5
NX b
0.10 C A–B
2X
H
0.23
(L1)
L
R0.13
R0.13
VIEW C
SEE VIEW C
NOTE 1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40