| Moteur de recherche de fiches techniques de composants électroniques |
|
TPD4204F Fiches technique(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TPD4204F Fiches technique(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 15 page ![]() TPD4204F 2018-04-09 7 Truth Table X: Don’t care Note: The output of the input logic is OFF if the high side input and low side input are ON at the same time Input High side Low side DIAG Mode HU HV HW LU LV LW SD U phase V phase W phase U phase V phase W phase Normal H L L L H L H ON OFF OFF OFF ON OFF OFF H L L L L H H ON OFF OFF OFF OFF ON OFF L H L L L H H OFF ON OFF OFF OFF ON OFF L H L H L L H OFF ON OFF ON OFF OFF OFF L L H H L L H OFF OFF ON ON OFF OFF OFF L L H L H L H OFF OFF ON OFF ON OFF OFF Over-current H L L L H L H OFF OFF OFF OFF OFF OFF ON H L L L L H H OFF OFF OFF OFF OFF OFF ON L H L L L H H OFF OFF OFF OFF OFF OFF ON L H L H L L H OFF OFF OFF OFF OFF OFF ON L L H H L L H OFF OFF OFF OFF OFF OFF ON L L H L H L H OFF OFF OFF OFF OFF OFF ON Thermal shutdown H L L L H L H OFF OFF OFF OFF OFF OFF ON H L L L L H H OFF OFF OFF OFF OFF OFF ON L H L L L H H OFF OFF OFF OFF OFF OFF ON L H L H L L H OFF OFF OFF OFF OFF OFF ON L L H H L L H OFF OFF OFF OFF OFF OFF ON L L H L H L H OFF OFF OFF OFF OFF OFF ON VCC Under-voltage H L L L H L H OFF OFF OFF OFF OFF OFF ON H L L L L H H OFF OFF OFF OFF OFF OFF ON L H L L L H H OFF OFF OFF OFF OFF OFF ON L H L H L L H OFF OFF OFF OFF OFF OFF ON L L H H L L H OFF OFF OFF OFF OFF OFF ON L L H L H L H OFF OFF OFF OFF OFF OFF ON VBS Under-voltage H L L L H L H OFF OFF OFF OFF ON OFF OFF H L L L L H H OFF OFF OFF OFF OFF ON OFF L H L L L H H OFF OFF OFF OFF OFF ON OFF L H L H L L H OFF OFF OFF ON OFF OFF OFF L L H H L L H OFF OFF OFF ON OFF OFF OFF L L H L H L H OFF OFF OFF OFF ON OFF OFF Irregular (Note) H L L H L L H OFF OFF OFF OFF OFF OFF OFF L H L L H L H OFF OFF OFF OFF OFF OFF OFF L L H L L H H OFF OFF OFF OFF OFF OFF OFF SD X X X X X X L OFF OFF OFF OFF OFF OFF ON |