| Moteur de recherche de fiches techniques de composants électroniques |
|
LB22F2GR7103 Fiches technique(PDF) 1 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
LB22F2GR7103 Fiches technique(HTML) 1 Page - E-SWITCH |
|
1 / 6 page ![]() www.e-switch.com 800.867.2717 1 RoHS Audio / Visual Consumer Electronics Vending Machines Instrumentation Kiosks Specifications Part Number Configurator Features & Benefits Applications / Markets LB22 Series Pushbutton Switch Specifications subject to change without notice • Single pole or double pole functions • Multiple color options • Multiple cap color and style options • Latching or momentary options • Silver or Gold contact material • IP65 rated Electrical Rating: 3A @ 250VAC Electrical Life: 50,000 Cycles Contact Resistance: 50mΩ Max. @1A 12VDC (Initial) Insulation Resistance: 1,000 MΩ Min. @ 500VDC Dielectric Strength: 2,000VAC Operating/Storage Temperature: -20°C to 55°C Travel: 3.20mm Contacts: Silver or Gold Plating Contact Arrangement: SPDT, DPDT Actuation Force: SPDT: 2.5±1N; DPDT: 3.5±1N Panel Thickness: 6.0mm MAX. Moisture Protection: IP65 Mounting Nut Torque: 0.3 - 0.5Nm LB22 F = Flat 3 = 1P ON-ON B = 1P ON-(ON) G = 2P ON-ON H = 2P ON-(ON) 0 = Transparent Clear 1 = Transparent Red 3 = Transparent Green 4 = Transparent Blue 5 = Transparent Orange 6 = Silver (Power Symbol Illum.) 7 = Silver (Non Illum.) Series Actuator Type Function Actuator Color Medical Equipment 2 = Solder Lug Terminal Q = Silver R = Gold Contact Material NONE = Non-Illuminated 1 = Full Illumination 5 = Power Symbol Illuminated (Silver Actuator only) Lens Style NONE = Non-Illuminated 0 = White 1 = Red 3 = Green 4 = Blue 5 = Yellow LED Color NONE = Non-Illuminated 1 = 3V 3 = 6V 4 = 12V 5 = 24V 6 = 110V 7 = 220V Illumination Voltage NOTES: 1) (ON) Denotes function is momentary. Specifications subject to change without notice 6.12.2019 Specifications subject to change without notice 8.22.2022 |
Numéro de pièce similaire - LB22F2GR7103 |
|
Description similaire - LB22F2GR7103 |