| Moteur de recherche de fiches techniques de composants électroniques |
|
TOP249F Fiches technique(PDF) 2 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP249F Fiches technique(HTML) 2 Page - Power Integrations, Inc. |
|
2 / 54 page ![]() Rev. R 10/20 2 TOP242-250 www.power.com Section List Functional Block Diagram ....................................................................................................................................... 3 Pin Functional Description ...................................................................................................................................... 4 TOPSwitch-GX Family Functional Description ....................................................................................................... 5 CONTROL (C) Pin Operation.................................................................................................................................... 6 Oscillator and Switching Frequency.......................................................................................................................... 6 Pulse Width Modulator and Maximum Duty Cycle .................................................................................................... 7 Light Load Frequency Reduction.............................................................................................................................. 7 Error Amplifier .......................................................................................................................................................... 7 On-Chip Current Limit with External Programmability ............................................................................................... 7 Line Undervoltage Detection (UV)............................................................................................................................. 8 Line Overvoltage Shutdown (OV).............................................................................................................................. 8 Line Feed-Forward with DC MAX Reduction ................................................................................................................ 8 Remote ON/OFF and Synchronization...................................................................................................................... 9 Soft-Start ................................................................................................................................................................. 9 Shutdown/Auto-Restart ........................................................................................................................................... 9 Hysteretic Over-Temperature Protection ................................................................................................................... 9 Bandgap Reference ............................................................................................................................................... 10 High-Voltage Bias Current Source .......................................................................................................................... 10 Using Feature Pins ................................................................................................................................................... 10 FREQUENCY (F) Pin Operation .............................................................................................................................. 10 LINE-SENSE (L) Pin Operation ............................................................................................................................... 10 EXTERNAL CURRENT LIMIT (X) Pin Operation....................................................................................................... 11 MULTI-FUNCTION (M) Pin Operation...................................................................................................................... 11 Typical Uses of FREQUENCY (F) Pin ...................................................................................................................... 14 Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins ....................................................... 15 Typical Uses of MULTI-FUNCTION (M) Pin ........................................................................................................... 17 Application Examples .............................................................................................................................................. 20 A High Efficiency, 30 W, Universal Input Power Supply ........................................................................................... 20 A High Efficiency, Enclosed, 70 W, Universal Adapter Supply ................................................................................. 20 A High Efficiency, 250 W, 250-380 VDC Input Power Supply.................................................................................. 22 Multiple Output, 60 W, 185-265 VAC Input Power Supply ...................................................................................... 23 Processor Controlled Supply Turn On/Off............................................................................................................... 24 Key Application Considerations .............................................................................................................................. 26 TOPSwitch-II vs. TOPSwitch-GX ........................................................................................................................ 26 TOPSwitch-FX vs. TOPSwitch-GX...................................................................................................................... 28 TOPSwitch-GXDesign Considerations .............................................................................................................. 28 TOPSwitch-GX Layout Considerations............................................................................................................... 30 Quick Design Checklist........................................................................................................................................ 32 Design Tools......................................................................................................................................................... 32 Product Specifications and Test Conditions .......................................................................................................... 33 Typical Performance Characteristics .................................................................................................................... 40 Part Ordering Information ....................................................................................................................................... 46 Package Outlines ..................................................................................................................................................... 47 |