Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PFS7523H Fiches technique(PDF) 15 Page - Power Integrations, Inc.

No de pièce PFS7523H
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERINT [Power Integrations, Inc.]
Site Internet  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523H Fiches technique(HTML) 15 Page - Power Integrations, Inc.

Back Button PFS7523H Datasheet HTML 11Page - Power Integrations, Inc. PFS7523H Datasheet HTML 12Page - Power Integrations, Inc. PFS7523H Datasheet HTML 13Page - Power Integrations, Inc. PFS7523H Datasheet HTML 14Page - Power Integrations, Inc. PFS7523H Datasheet HTML 15Page - Power Integrations, Inc. PFS7523H Datasheet HTML 16Page - Power Integrations, Inc. PFS7523H Datasheet HTML 17Page - Power Integrations, Inc. PFS7523H Datasheet HTML 18Page - Power Integrations, Inc. PFS7523H Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Rev. A 06/15
15
PFS7523-7529/7533-7539
www.power.com
The value of resistor R5 will have to be adjusted in some designs and
as a guideline the value from the following calculation can be used:
P
O
Maximum continuous output power in watts.
V
O
Nominal PFC output voltage in volts.
C
O
PFC output capacitance in farads.
Figure 15. Heat Sink Assembly – using Thermally Conductive Adhesive.
1
5
3
4
2
(2X)
2. Screw
1. Heat Sink
4. HiperPFS-3
3. Thermally Conductive Adhesive
5. Eyelet Terminal − Electrical Connection to Heat Sink
Heat Sinking and Thermal Design
Figures 15, 16, 17 show an example of the recommended assembly
for the HiperPFS-3. In this assembly, no insulation pad is required
and HiperPFS-3 can be directly connected to the heat sink by
mechanical clip or adhesive thermal compound.
The HiperPFS-3 back metal is electrically connected to the heat sink
and the heat sink is required to be connected to the HiperPFS-3
source terminal in order to reduce EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36