| Moteur de recherche de fiches techniques de composants électroniques |
|
MS02-PA Fiches technique(PDF) 1 Page - Standex Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
MS02-PA Fiches technique(HTML) 1 Page - Standex Electronics, Inc. |
|
|
1 / 1 page ![]() Floating magnet MS02-PA Item: | Email: salesasia@meder.com 2500000011 +852 / 2955 1682 Asia: | Email: salesusa@meder.com +1 / 508 295 0771 USA: Item No.: | Email: info@meder.com +49 / 7731 8399 0 Europe: Special Product Data Conditions Min Typ Max Unit PA black Material of float Float weight Mag. values DIN IEC 60404-8- Conditions Min Typ Max Unit Energy product (B x H) max. Remanence Br Coercivity HcB Coercivity HcJ measured with MS150 Magnetic moment Hard Ferrit C1 Magnet Material axial Direction of Magnetization Modifications in the sense of technical progress are reserved 30.10.08 ALICHTENSTEIN WKOVACS 14 Version: Designed by: Last Change at: Designed at: Last Change by: 14.01.11 DKUECHLER DKUECHLER Approval by: Approval by: 01.02.10 Approval at: 14.01.11 Approval at: |
Numéro de pièce similaire - MS02-PA |
|
Description similaire - MS02-PA |