Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CUT75-522/TA Fiches technique(PDF) 2 Page - TDK Electronics

No de pièce CUT75-522/TA
Description  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CUT75-522/TA Fiches technique(HTML) 2 Page - TDK Electronics

  CUT75-522/TA Datasheet HTML 1Page - TDK Electronics CUT75-522/TA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AC-DC Power Supplies
2 of 2
Creation Date : June 03, 2022 (GMT)
CUT75-522/TA
RoHS
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Other
Operating Temp. Range
-20 to 70°C
Cooling
Convection
Safety Standard(Certified)
IEC60601-1
EN60601-1
IEC60950-1
CSA60950-1
EN60950-1
UL60950-1
Safety Standard(Conformed)
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.



Html Pages

1 2