| Moteur de recherche de fiches techniques de composants électroniques |
|
CFD1275P Fiches technique(PDF) 2 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CFD1275P Fiches technique(HTML) 2 Page - Continental Device India Limited |
|
2 / 3 page ![]() CFD1275, CFD1275A TO-220FP Fully Isolated Plastic Package TO-220FP Fully Isolated Plastic Package TO-220 FP Tube Packing TO-220FP 200 pcs/polybag 50 pcs/tube 396 gm/200 pcs 135 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1K 1K 17" x 15" x 13.5" 19" x 19" x 19" 16K 10K 36 kgs 28 kgs PACKAGE Net Weight/Qty Details STANDARDPACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail DIM MIN MAX All diminsions in mm. A B C D E F G H J 9.96 2.60 4.50 3.10 7.90 16.87 0.45 2.56 2.34 K — L — M — 10.36 3.00 4.90 3.30 8.20 17.27 0.50 2.96 2.74 3.08 30.05 0.80 Pin Configuration 1. Base 2. Collector 3. Emitter 3 2 1 A D C M J J G 1 2 3 6.87 13.74 End Pin Tube Thickness DEVICE NAME Label 536.00 ±1.5 50 Pcs./Tube Sr. QTY. A ll Dimensions in mm AMMO PACK SIZE 20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack Label 538 .00 75.0 Continental Device India Limited Data Sheet Page 2 of 3 |