Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMF51232M4S Fiches technique(PDF) 4 Page - Hanbit Electronics Co.,Ltd

No de pièce HMF51232M4S
Description  FLASH-ROM MODULE 2MByte (512K x 32-Bit)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HANBIT [Hanbit Electronics Co.,Ltd]
Site Internet  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMF51232M4S Fiches technique(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMF51232M4S Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMF51232M4S Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HANBit
HMF51232M4S
URL: www.hbe.co.kr
HANBit Electronics Co., Ltd.
REV.02(August,2002)
4
3. Maximum Icc current specifications are tested with Vcc=Vcc max
ERASE AND PROGRAMMING PERFORMANCE
LIMITS
PARAMETER
MIN.
TYP.
MAX.
UNIT
COMMENTS
Sector Erase Time
-
1
8
sec
Chip Erase Time
8
64
sec
Excludes 00H programming
prior to erasure
Byte Programming Time
-
7
300
us
Chip Programming Time
-
3.6
10.8
sec
Excludes system-level
overhead
Notes:
1.
Typical program and erase times assume the follwing conditions:25
°,5.0Vcc,1,000,000cycles.
Additionally,programming typicals assume checkerboard pattern.
2.
Under worst case conditions of 90
°C, Vcc=4.5V(4.75V for-55), 1,000,000 cycles.
3.
The typical chip programming time is considerably less than the maximum chip programming time listed, since most
bytes program faster than the maximum byte program time listed. If the maximum byte program time given is
exceeded, only then does the device set DQ5= 1. See the section os DQ5for further information.
4.
In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5.
System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See
Table 4 for further in formation on command definitions.
6.
The device has a guaranteed minimum erase and program cycle endurance of 1,000,000cycles.
CAPACITANCE
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST SETUP
TYP.
MAX
UNIT
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Notes : Test conditions TA = 25
o C, f=1.0 MHz.
TEST CONDITIONS
TEST CONDITION
-55
ALL OTHERS
UNIT
Output load
1 TTL gate
Output load Capacitance, CL
30
100
pF
Input Rise and Fall Times
5
20
ns
Input Pulse Levels
0~3
0.45~2.4
V
Input timing measurement reference levels
1.5
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com