Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1339Z Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SSD1339Z
Description  132RGB x 132 with 2 smart Icon lines Dot Matrix OLED/PLED Segment/Common Driver with Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1339Z Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SSD1339Z Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1339Z Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
SSD1339
Rev 1.1
P 9/59
Jul 2005
Solomon Systech
Pad #
Pad Name
X-Axis
Y-Axis
Pad #
Pad Name
X-Axis
Y-Axis
Pad #
Pad Name
X-Axis
Y-Axis
1
NC
-10160.275
-1043
81
TR0
-3886.2
-1043
161
VSS
2209.8
-1043
2
NC
-10084.075
-1043
82
VSS
-3810
-1043
162
R/W#(WR#)
2286
-1043
3
NC
-10007.875
-1043
83
VSSB
-3733.8
-1043
163
E(RD#)
2362.2
-1043
4
NC
-9931.675
-1043
84
VSSB
-3657.6
-1043
164
VDDIO
2438.4
-1043
5
NC
-9737.3
-1043
85
VSSB
-3581.4
-1043
165
D0
2514.6
-1043
6
NC
-9661.1
-1043
86
VSSB
-3505.2
-1043
166
D1
2590.8
-1043
7
NC
-9584.9
-1043
87
GDR
-3429
-1043
167
D2
2667
-1043
8
NC
-9508.7
-1043
88
GDR
-3352.8
-1043
168
D3
2743.2
-1043
9
NC
-9432.5
-1043
89
GDR
-3276.6
-1043
169
D4
2819.4
-1043
10
NC
-9356.3
-1043
90
GDR
-3200.4
-1043
170
D5
2895.6
-1043
11
NC
-9280.1
-1043
91
GDR
-3124.2
-1043
171
D6
2971.8
-1043
12
NC
-9203.9
-1043
92
GDR
-3048
-1043
172
D7
3048
-1043
13
NC
-9127.7
-1043
93
GDR
-2971.8
-1043
173
D8
3124.2
-1043
14
NC
-9051.5
-1043
94
GDR
-2895.6
-1043
174
D9
3200.4
-1043
15
NC
-8975.3
-1043
95
GDR
-2819.4
-1043
175
D10
3276.6
-1043
16
NC
-8899.1
-1043
96
GDR
-2743.2
-1043
176
D11
3352.8
-1043
17
NC
-8822.9
-1043
97
GDR
-2667
-1043
177
D12
3429
-1043
18
NC
-8746.7
-1043
98
GDR
-2590.8
-1043
178
D13
3505.2
-1043
19
NC
-8670.5
-1043
99
GDR
-2514.6
-1043
179
D14
3581.4
-1043
20
NC
-8594.3
-1043
100
GDR
-2438.4
-1043
180
D15
3657.6
-1043
21
NC
-8518.1
-1043
101
GDR
-2362.2
-1043
181
VDDIO
3733.8
-1043
22
NC
-8441.9
-1043
102
GDR
-2286
-1043
182
MS
3810
-1043
23
NC
-8305.8
-1043
103
GDR
-2209.8
-1043
183
CLS
3886.2
-1043
24
NC
-8229.6
-1043
104
GDR
-2133.6
-1043
184
D16
3962.4
-1043
25
NC
-8153.4
-1043
105
GDR
-2057.4
-1043
185
D17
4038.6
-1043
26
VCC
-8077.2
-1043
106
GDR
-1981.2
-1043
186
VSS
4114.8
-1043
27
VCC
-8001
-1043
107
VDDB
-1905
-1043
187
VSS
4191
-1043
28
VCC
-7924.8
-1043
108
VDDB
-1828.8
-1043
188
VSS
4267.2
-1043
29
VCC
-7848.6
-1043
109
VDDB
-1752.6
-1043
189
VSS
4343.4
-1043
30
VCC
-7772.4
-1043
110
VDDB
-1676.4
-1043
190
VSS
4419.6
-1043
31
VCC
-7696.2
-1043
111
VDD
-1600.2
-1043
191
VSS
4495.8
-1043
32
VCC
-7620
-1043
112
VDD
-1524
-1043
192
VCL
4572
-1043
33
VCC
-7543.8
-1043
113
VDD
-1447.8
-1043
193
VCL
4648.2
-1043
34
VCOMH
-7467.6
-1043
114
VDD
-1371.6
-1043
194
VCL
4724.4
-1043
35
VCOMH
-7391.4
-1043
115
FB
-1295.4
-1043
195
VCL
4800.6
-1043
36
VCOMH
-7315.2
-1043
116
VSS
-1219.2
-1043
196
VCL
4876.8
-1043
37
VSL
-7239
-1043
117
RESE
-1143
-1043
197
VCL
4953
-1043
38
VSL
-7162.8
-1043
118
VBREF
-1066.8
-1043
198
VCL
5029.2
-1043
39
VSL
-7086.6
-1043
119
VSS
-990.6
-1043
199
VCL
5105.4
-1043
40
VSL
-7010.4
-1043
120
BGGND
-914.4
-1043
200
VCL
5181.6
-1043
41
VSL
-6934.2
-1043
121
NC
-838.2
-1043
201
VCL
5257.8
-1043
42
VSL
-6858
-1043
122
VPA
-762
-1043
202
VCL
5334
-1043
43
VSL
-6781.8
-1043
123
VPB
-685.8
-1043
203
VCL
5410.2
-1043
44
VSL
-6705.6
-1043
124
VPC
-609.6
-1043
204
VDD
5486.4
-1043
45
VSL
-6629.4
-1043
125
VSS
-533.4
-1043
205
VDD
5562.6
-1043
46
VDD
-6553.2
-1043
126
NC
-457.2
-1043
206
VDD
5638.8
-1043
47
VDD
-6477
-1043
127
VSS
-381
-1043
207
VDD
5715
-1043
48
VDD
-6400.8
-1043
128
GPIO0
-304.8
-1043
208
VDD
5791.2
-1043
49
VDD
-6324.6
-1043
129
GPIO1
-228.6
-1043
209
VDD
5867.4
-1043
50
VDD
-6248.4
-1043
130
VDDIO
-152.4
-1043
210
VDD
5943.6
-1043
51
VDD
-6172.2
-1043
131
ICASC
-76.2
-1043
211
VDD
6019.8
-1043
52
VDD
-6096
-1043
132
ICASB
0
-1043
212
VSL
6096
-1043
53
VDD
-6019.8
-1043
133
ICASA
76.2
-1043
213
VSL
6172.2
-1043
54
VCL
-5943.6
-1043
134
VSS
152.4
-1043
214
VSL
6248.4
-1043
55
VCL
-5867.4
-1043
135
VREF
228.6
-1043
215
VSL
6324.6
-1043
56
VCL
-5791.2
-1043
136
VCC
304.8
-1043
216
VSL
6400.8
-1043
57
VCL
-5715
-1043
137
VMONA
381
-1043
217
VSL
6477
-1043
58
VCL
-5638.8
-1043
138
VMONA
457.2
-1043
218
VSL
6553.2
-1043
59
VCL
-5562.6
-1043
139
VCC
533.4
-1043
219
VSL
6629.4
-1043
60
VCL
-5486.4
-1043
140
VCC
609.6
-1043
220
VSL
6705.6
-1043
61
VCL
-5410.2
-1043
141
VCC
685.8
-1043
221
VSL
6781.8
-1043
62
VCL
-5334
-1043
142
VCC
762
-1043
222
VSL
6858
-1043
63
VSS
-5257.8
-1043
143
VCC
838.2
-1043
223
VSL
6934.2
-1043
64
VSS
-5181.6
-1043
144
VSS
914.4
-1043
224
VDDIO
7010.4
-1043
65
VSS
-5105.4
-1043
145
IREF
990.6
-1043
225
VDDIO
7086.6
-1043
66
VSS
-5029.2
-1043
146
M
1066.8
-1043
226
VCOMH
7162.8
-1043
67
VSS
-4953
-1043
147
CL
1143
-1043
227
VCOMH
7239
-1043
68
VSS
-4876.8
-1043
148
DOF#
1219.2
-1043
228
VCOMH
7315.2
-1043
69
VSSB
-4800.6
-1043
149
RES#
1295.4
-1043
229
VCOMH
7391.4
-1043
70
VSSB
-4724.4
-1043
150
VSS
1371.6
-1043
230
VCOMH
7467.6
-1043
71
VSSB
-4648.2
-1043
151
D/C#
1447.8
-1043
231
VCC
7543.8
-1043
72
VSSB
-4572
-1043
152
VDDIO
1524
-1043
232
VCC
7620
-1043
73
TR8
-4495.8
-1043
153
CS#
1600.2
-1043
233
VCC
7696.2
-1043
74
TR7
-4419.6
-1043
154
VSS
1676.4
-1043
234
VCC
7772.4
-1043
75
TR6
-4343.4
-1043
155
BS2
1752.6
-1043
235
VCC
7848.6
-1043
76
TR5
-4267.2
-1043
156
VDDIO
1828.8
-1043
236
VCC
7924.8
-1043
77
TR4
-4191
-1043
157
BS1
1905
-1043
237
VCC
8001
-1043
78
TR3
-4114.8
-1043
158
VSS
1981.2
-1043
238
VCC
8077.2
-1043
79
TR2
-4038.6
-1043
159
BS0
2057.4
-1043
239
NC
8153.4
-1043
80
TR1
-3962.4
-1043
160
VDDIO
2133.6
-1043
240
NC
8229.6
-1043
Table 2 – SSD1339Z Die Pad Coordinates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59