| Moteur de recherche de fiches techniques de composants électroniques |
|
DR127-101-R Fiches technique(PDF) 22 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DR127-101-R Fiches technique(HTML) 22 Page - Skyworks Solutions Inc. |
|
22 / 46 page ![]() Si32172/3/5 22 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021 3. Bill of Materials Table 11. Top Level Bill of Materials Reference Value Rating Voltage Tol Type PCB Footprint Mfr Part Number Mfr C1 C3 C4 C5 C7 0.1 µF 10V ±10% X7R C0402 C0402X7R100-104K Venkel C2 10 µF 6.3V ±20% X5R C0603 C0603X5R6R3-106M Venkel C101 C102 C103 C104 0.01 µF 200V ±10% X7R C0805 C0805X7R201-103K Venkel C105 0.1 µF 200V ±20% X7R C1206 C1206X7R201-104M Venkel R1 49.9K 1/16W ±0.5% ThickFilm R0603 CR0603-16W-4992D Venkel R2 137K 1/16W ±1% ThickFilm R0402 CR0402-16W-2673F Venkel R3 R4 10K 1/16W ±5% ThickFilm R0402 CR0402-16W-103J Venkel R100 1.65M 1/10W ±1% ThickFilm R0805 CR0805-10W-1654F Venkel R101 R102 681K 1/10W ±1% ThickFilm R0805 CR0805-10W-6813F Venkel R103 R104 1K 1/16W ±1% ThickFilm R0402 CR0402-16W-1001F Venkel R105 R106 1.47M 1/8W ±1% ThickFilm R1206 CR1206-8W-1474F Venkel R107 R108 110K 1/16W ±1% ThickFilm R0402 CR0402-16W-1103F Venkel U1 Si32173 140V MCM LGA42M5X 7P0.5 Si32173-C-GM1 Skyworks |