| Moteur de recherche de fiches techniques de composants électroniques |
|
CPC5610ATR Fiches technique(PDF) 7 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC5610ATR Fiches technique(HTML) 7 Page - Clare, Inc. |
|
7 / 18 page ![]() CPC5610/CPC5611 Rev. 9.0 www.clare.com 7 2.1.1 Resistive Termination Application Circuit Part List Quantity Reference Designator Description Suppliers 1C1 1 µF, 16 V, ±10% Panasonic, AVX, Novacap, Murata, SMEC, etc. 6 C2, C3, C4, C9, C13, C14 0.1 µF, 16 V, ±10% 2 C7, C81 220 pF, 2 kV, ±5% 2 C10, C151 0.01 µF, 500 V, ±10% 1 C12 0.027 µF, 16 V, ±10% 1C16 10 µF, 16 V, ±10% 1 C18 (optional) 15 pF, 16V, ±10% 1 R1 80.6 k Ω, 1/16 W, ±1% Panasonic, Electro Films, FMI, Vishay, etc. 1 R2 127 k Ω, 1/16 W, ±1% 1 R3 1.5 M Ω, 1/16 W, ±1% 1 R4 68.1 Ω, 1/16 W, ±1% 1 R5 42.2 k Ω, 1/16 W, ±1% 4 R6, R7, R44, R451 1.8 M Ω, 1/10 W, ±1% 2 R8, R9 200 k Ω, 1/16 W, ±1% 1 R10 301 Ω, 1/16 W, ±1% 2 R12, R13 1 M Ω, 1/16 W, ±1% 1R14 47 Ω, 1/16 W, ±5% 1 R15 1.69 M Ω, 1/16 W, ±1% 1 R16 8.2 Ω, 1/16 W, ±1% 1 R18 150 Ω, 1/16 W, ±1% 1R20 2 Ω, 1/16 W, ±5% 1 R21 6.2 M Ω, 1/16 W, ±1% 1 R22 6.8 M Ω, 1/16 W, ±1% 1R23 10 Ω, 1/16 W, ±5%, or 220 µH inductor 1 FB1 600 Ω, 200 mA ferrite bead Murata BLM11A601S or similar 1 DB1 SIZB60, 600 V, 60 A bridge rectifier Shindengen, Diodes, Inc. 1 SP1 350 V, 100 A Sidactor Teccor, ST Microelectronics, TI 1 Q1 CPC5602 FET Clare 1 U1 CPC5610 LITELINK 1Through-hole components offer significant cost savings over SMT. |