Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV8317S Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce DRV8317S
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DRV8317S Fiches technique(HTML) 24 Page - Texas Instruments

Back Button DRV8317S Datasheet HTML 20Page - Texas Instruments DRV8317S Datasheet HTML 21Page - Texas Instruments DRV8317S Datasheet HTML 22Page - Texas Instruments DRV8317S Datasheet HTML 23Page - Texas Instruments DRV8317S Datasheet HTML 24Page - Texas Instruments DRV8317S Datasheet HTML 25Page - Texas Instruments DRV8317S Datasheet HTML 26Page - Texas Instruments DRV8317S Datasheet HTML 27Page - Texas Instruments DRV8317S Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
VM
OUTx
GND
HS Gate
Control
LS Gate
Control
VGS_LS
VGS_HS
Figure 8-11. Cross Conduction Protection
VGS_HS
VGS_LS
tDEAD
Time
10%
10%
Figure 8-12. Dead Time
8.3.8 Propagation Delay
The propagation delay time (tpd) is measured as the time between an input logic edge to change in OUTx
voltage. The propagation delay time includes the input deglitch delay, analog driver delay, and depends on the
slew rate setting . The input deglitcher prevents high-frequency noise on the input pins from affecting the output
state of the gate drivers. To support multiple control modes, a small digital delay is added as the input command
propagates through the device.
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69