Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSMS05 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CSMS05
Description  SURFACE MOUNT QUAD SILICON TVS/ZENER ARRAY 5 THRU 24 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSMS05 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CSMS05 Datasheet HTML 1Page - Central Semiconductor Corp CSMS05 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CSMS05
CSMS12
CSMS15
CSMS24
SURFACE MOUNT
QUAD SILICON TVS/ZENER ARRAY
5 THRU 24 VOLTS
R0 (13-September 2005)
SOT-26 - CASE - MECHANICAL OUTLINE
Pin Configuration
Circuit Diagram
Suggested mounting pad layout
for maximum power dissipation
(Dimensions in mm)
Lead code:
1) Cathode D1
2) Anode D1, D2, D3, D4
3) Cathode D2
4) Cathode D3
5) Anode D1, D2, D3, D4
6) Cathode D4
For Standard mounting, refer to SOT-26 Package Details.



Html Pages

1 2