Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSL05 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce CSL05
Description  SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSL05 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  CSL05 Datasheet HTML 1Page - Central Semiconductor Corp CSL05 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSL05
CSL05D
SURFACE MOUNT SILICON
ULTRA LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSORS
SOT-23 CASE - MECHANICAL OUTLINE
PIN CONFIGURATIONS
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) No Connection
MARKING CODE: CL05
CSL05
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Cathode D3, D4
MARKING CODE: CL5D
CSL05D
www.centr a lsemi.com
R2 (2-April 2015)



Html Pages

1 2