| Moteur de recherche de fiches techniques de composants électroniques |
|
DGD2005 Fiches technique(PDF) 10 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DGD2005 Fiches technique(HTML) 10 Page - Diodes Incorporated |
|
10 / 11 page ![]() DGD2005 Document number: DS40881 Rev. 5 - 2 10 of 11 www.diodes.com April 2021 © Diodes Incorporated DGD2005 Package Outline Dimensions Please see http://www.diodes.com/package-outlines.html for the latest version. SO-8 (Standard) SO-8 (Standard) Dim Min Max Typ A -- 1.75 -- A1 0.10 0.25 -- A2 1.25 1.65 -- A3 0.50 0.70 -- b 0.30 0.51 -- c 0.15 0.25 -- D 4.80 5.00 -- E 5.80 6.20 6.00 E1 3.80 4.00 -- e -- -- 1.27 h 0.25 0.50 -- L 0.45 0.82 -- Ø 0 ° 8 ° -- All Dimensions in mm Suggested Pad Layout Please see http://www.diodes.com/package-outlines.html for the latest version. SO-8 (Standard) Dimensions Value (in mm) C 1.27 X 0.802 X1 4.612 Y 1.505 Y1 6.50 Note: For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between device terminals and PCB tracking. 1 b e E A2 A1 Ø c A3 h D E1 L Seating Plane Gauge Plane OPTION A (TOP VIEW) OPTION B (TOP VIEW) A C X Y Y1 X1 |