Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPC-R3220 Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce EPC-R3220
Description  AMD EPYC™ 7003 Processor COM-HPC® Server Size E module with proprietary pinout
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-E780
Ordering Information
Part No.
CPU
Core
Base
Freq.
Max Turbo
Freq.
SoC TDP
LLC
DDR4
RDIMM/
LRDIMM
Ethernet
mode
PCIe Gen.
4 lanes
Power
Thermal
solution
Operating
Temp.
N/A
* Other combination is project based support. Please contact sales for details.
Optional Accessories
Part No.
Description
TBD
One piece heatsink
TBD
Addon fan module to be used on top of semiheatsink/heatsink
Development Board
Part No.
Description
TBD
Development Board SOM-DH7000
Packing List
Part No.
Description
Quantity
-
SOM-E780 CPU Module
1
Embedded OS
OS
Part No.
Description
Win10
TBD
TBD
DDR4-3200 RDIMM
Non-ECC or ECC
SOM-780
AMD
EPYC 7003
Up to 225W
4 USB2.0
4 USB 3.2 Gen 1
2 SATA 3.0
1 PCIe x16 (8 root ports, Gen4)
8 PCIe x1 (8 root ports, Gen4)
SMBUS
LPC
1 PCIe x1 for BMC (Gen4)
SPI
Boot_SPI
DDR CH-E
DDR4-3200 RDIMM
Non-ECC or ECC
DDR CH-F
DDR4-3200 RDIMM
Non-ECC or ECC
EFI BIOS
Intel I225
EIO-201
TPM2.0
SLB9670
DDR CH-G
DDR4-3200 RDIMM
Non-ECC or ECC
DDR CH-H
1 PCIe x16 (8 root ports, Gen4)
1 PCIe x16 (8 root ports, Gen4)
1 PCIe x16 (8 root ports, Gen4)
6 PCIe x1 (6 root ports, Gen4)
1 PCIe x1
2.5GbE
WDT / GPIOx12 / I2C
SMB / COM2 / FAN / IPMB



Html Pages

1 2 3 4 5 6