Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T54E6M030CSS075 Fiches technique(PDF) 14 Page - Vishay Siliconix

No de pièce T54E6M030CSS075
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T54E6M030CSS075 Fiches technique(HTML) 14 Page - Vishay Siliconix

Back Button T54E6M030CSS075 Datasheet HTML 10Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 11Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 12Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 13Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 14Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 15Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 16Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 17Page - Vishay Siliconix T54E6M030CSS075 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 08-Sep-2022
3
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T52
TANTALUM CAPACITOR WITH POLYMER CATHODE TYPE T54 / T59 / 20021
Polarity bar
marking
Side anode termination (+)
Side cathode termination (-)
Bottom anode
termination (+)
Silver plated copper substrate
Bottom cathode
termination (-)
Silver adhesive epoxy
Conductive strip
T52 E5 case
Encapsulation
Polymer / carbon / silver coating
Sintered
tantalum pellet
T52 M1 case
Side anode termination (+)
Bottom anode termination (+)
Polarity bar marking
Side cathode termination (-)
Sintered
tantalum pellet
Polymer / carbon / silver coating
Silver plated
copper substrate
Bottom cathode termination (-)
Silver adhesive epoxy
Encapsulation
Anode polarity marking
Side anode termination (+)
Side cathode termination (-)
Encapsulation
Sintered tantalum pellet
Polymer / carbon / silver coating
Top / bottom cathode termination (-)
Silver plated copper substrate
Top / bottom cathode termination (-)
Top / bottom anode termination (+)
Top / bottom anode termination (+)
Conductive strip
Silver adhesive epoxy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24