| Moteur de recherche de fiches techniques de composants électroniques |
|
CP10841.5VC2A Fiches technique(PDF) 1 Page - Ceramate Technical |
|
|
|||||||||||||||||||||||||||||
CP10841.5VC2A Fiches technique(HTML) 1 Page - Ceramate Technical |
|
1 / 11 page ![]() CP1084 5A Dropout Linear Regulator * All specs and applications shown above subject to change without prior notice. 1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN Email: server@ceramate.com.tw Tel:886-3-3214525 Http: www.ceramate.com.tw Fax:886-3-3521052 Page 1 of 11 Rev 1.0 Jul.6, 2004 General Description The CP1084 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 5A of load current. The series features on-chip thermal limiting which pro- vides protection against any combination of overload and ambient temperatures that would create excessive junction temperatures. It also includes a trimmed band- gap reference and a current limiting circuit. The CP1084 is available in 1.5V, 1.8V, 2.5V, 3.3V, and 5.0Vversions. The fixed versions integrate the adjust resistors. It is also available in an adjustable version which can set the output voltage with two external resistors. The CP1084 series is available in standard packages of TO-263-2L, TO-252. Features · Low Dropout Voltage: 1.3V Typically at 5A · Current Limiting and Thermal Protection · Output Current: 5A · Current Limit: 6.5A · Operating Junction Temperature Range:0 to 125oC · Line Regulation: 0.015% (Typical) · Load Regulation: 0.2% (Typical) Applications · High Efficiency Linear Regulators · Battery Chargers · Post Regulation for Switching Supply · Microprocessor Supply · Desktop PCs, RISC and Embedded Processors' Supply Figure 1. Package Types of CP1084 TO-252 TO-263-2L |
Numéro de pièce similaire - CP10841.5VC2A |
|
Description similaire - CP10841.5VC2A |