Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V53C1256164VBLS8IPC Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce V53C1256164VBLS8IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256164VBLS8IPC Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button V53C1256164VBLS8IPC Datasheet HTML 17Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 18Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 19Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 20Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 21Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 22Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 23Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 24Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
5. Burst Write Operation
(Burst Length = 4, CAS latency = 2, 3)
6.1 Write Interrupted by a Write
(Burst Length = 4, CAS latency = 2, 3)
COMMAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
I/O’s
DIN A0
DIN A1
DIN A2
DIN A3
NOP
CLK
T0
T2
T1
T3
T4
T5
T6
T7
T8
Extra data is ignored after
The first data element and the Write
are registered on the same clock edge.
termination of a Burst.
don’t care
COMMAND
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
I/O’s
DIN A0
DIN B0
DIN B1
DIN B2
NOP
DIN B3
CLK
T0
T2
T1
T3
T4
T5
T6
T7
T8
1 Clk Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46