Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT902L-R Fiches technique(PDF) 52 Page - Bridgetek Pte Ltd.

No de pièce FT902L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGETEK [Bridgetek Pte Ltd.]
Site Internet  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902L-R Fiches technique(HTML) 52 Page - Bridgetek Pte Ltd.

Back Button FT902L-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 56Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
Copyright © Bridgetek Pte Ltd
52
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
FT900
RTC_XI/
RTC_CLKIN RTC_XIO
XTAL
CRTCL
CRTCL
32.768
KHz
Figure 6-3 - RTC 32.768 KHz oscillator connection
FT900
RTC_XI/
RTC_CLKIN RTC_XIO
32.768KHz
NC
Figure 6-4 - External 32.768 KHz clock input
6.3
Standard I/O Pin Configuration
Figure 6-5 shows the possible pin modes for standard I/O pins with multiplex functions:
Output driver enabled
Output driver capability control
Output slew rate control
Open drain output
Input with pull-up enabled
Input with pull-down enabled
Input with keeper enabled
Input with Schmitt trigger
The default configuration for standard I/O pins is input with pull-down enabled except GPIO 0/1/2. All I/O
pins have ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67