| Moteur de recherche de fiches techniques de composants électroniques |
|
FT900L-R Fiches technique(PDF) 52 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT900L-R Fiches technique(HTML) 52 Page - Bridgetek Pte Ltd. |
|
52 / 67 page ![]() Copyright © Bridgetek Pte Ltd 52 FT900 /1/2/3 Revision C Embedded Microcontroller Datasheet Version 1.0 Document No. BRT_000172 Clearance No.: BRT#087 FT900 RTC_XI/ RTC_CLKIN RTC_XIO XTAL CRTCL CRTCL 32.768 KHz Figure 6-3 - RTC 32.768 KHz oscillator connection FT900 RTC_XI/ RTC_CLKIN RTC_XIO 32.768KHz NC Figure 6-4 - External 32.768 KHz clock input 6.3 Standard I/O Pin Configuration Figure 6-5 shows the possible pin modes for standard I/O pins with multiplex functions: Output driver enabled Output driver capability control Output slew rate control Open drain output Input with pull-up enabled Input with pull-down enabled Input with keeper enabled Input with Schmitt trigger The default configuration for standard I/O pins is input with pull-down enabled except GPIO 0/1/2. All I/O pins have ESD protection. |