| Moteur de recherche de fiches techniques de composants électroniques |
|
FT903Q-R Fiches technique(PDF) 57 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT903Q-R Fiches technique(HTML) 57 Page - Bridgetek Pte Ltd. |
|
57 / 67 page ![]() Copyright © Bridgetek Pte Ltd 57 FT900 /1/2/3 Revision C Embedded Microcontroller Datasheet Version 1.0 Document No. BRT_000172 Clearance No.: BRT#087 7 Package Parameters The FT900/1/2/3 series is available in two different packages. The FT900Q/FT901Q/FT902Q/FT903Q is the QFN-100 package and the FT900L/FT901L/FT902L/FT903L is in the LQFP-100 package. The dimensions, markings and solder reflow profile for all packages are described in following sections. 7.1 QFN-100 Package Dimensions Figure 7-1 - QFN-100 Package Dimensions Note: On the underside of the package, the exposed thermal pad should be connected to GND. |