Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT902Q-R Fiches technique(PDF) 57 Page - Bridgetek Pte Ltd.

No de pièce FT902Q-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGETEK [Bridgetek Pte Ltd.]
Site Internet  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902Q-R Fiches technique(HTML) 57 Page - Bridgetek Pte Ltd.

Back Button FT902Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 60Page - Bridgetek Pte Ltd. FT902Q-R Datasheet HTML 61Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Copyright © Bridgetek Pte Ltd
57
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
7
Package Parameters
The FT900/1/2/3 series is available in two different packages. The FT900Q/FT901Q/FT902Q/FT903Q is
the QFN-100 package and the FT900L/FT901L/FT902L/FT903L is in the LQFP-100 package. The
dimensions, markings and solder reflow profile for all packages are described in following sections.
7.1
QFN-100 Package Dimensions
Figure 7-1 - QFN-100 Package Dimensions
Note: On the underside of the package, the exposed thermal pad should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67