| Moteur de recherche de fiches techniques de composants électroniques |
|
FT812Q-R Fiches technique(PDF) 12 Page - Bridgetek Pte Ltd. |
|
|
|||||||||||||||||||||||||||||
FT812Q-R Fiches technique(HTML) 12 Page - Bridgetek Pte Ltd. |
|
12 / 63 page ![]() Copyright © Bridgetek Pte Ltd 12 FT81X Embedded Video Engine Datasheet Version 1.4 Document No.: BRT_000002 Clearance No.: BRT#004 Pin Number Pin Name Type Description FT810 FT811 FT812 FT813 43 43 51 51 R7 O Bit 7 of Red RGB signals. Powered from pin VCCIO2. 44 44 52 52 R6 O Bit 6 of Red RGB signals. Powered from pin VCCIO2. 45 45 53 53 R5 O Bit 5 of Red RGB signals. Powered from pin VCCIO2. 46 46 54 54 R4 O Bit 4 of Red RGB signals. Powered from pin VCCIO2. 47 47 55 55 R3 O Bit 3 of Red RGB signals. Powered from pin VCCIO2. 48 48 56 56 R2 O Bit 2 of Red RGB signals. Powered from pin VCCIO2. EP EP EP EP GND P Ground. Exposed thermal pad. Table 3-1 FT81x pin description Note: P : Power or ground I : Input O : Output OD : Open drain output I/O : Bi-direction Input and Output AI/O: Analog Input and Output |