Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT810Q-R Fiches technique(PDF) 56 Page - Bridgetek Pte Ltd.

No de pièce FT810Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGETEK [Bridgetek Pte Ltd.]
Site Internet  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT810Q-R Fiches technique(HTML) 56 Page - Bridgetek Pte Ltd.

Back Button FT810Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 58Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 59Page - Bridgetek Pte Ltd. FT810Q-R Datasheet HTML 60Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Copyright © Bridgetek Pte Ltd
56
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
8.2 VQFN-48 Package Dimensions
A
A1
A3
b
D
E
D2
E2
e
L
K
MIN.
0.80
0.00
0.20
5.15
5.15
0.35
0.20
NOM.
0.85
0.02
0.20
0.25
7.00
7.00
5.20
5.20
0.50
0.40
MAX.
0.90
0.05
0.30
5.25
5.25
0.45
All dimensions are in millimetres (mm)
Figure 8-1 VQFN-48 Package Dimensions
8.3 VQFN-56 Package Dimensions
A
A1
A3
b
D
E
D2
E2
e
L
K
MIN.
0.80
0.00
0.20
5.85
5.85
0.30
0.20
NOM.
0.85
0.02
0.20
0.25
8.00
8.00
5.90
5.90
0.50
0.40
MAX.
0.90
0.05
0.30
5.95
5.95
0.50
All dimensions are in millimetres (mm)
Figure 8-2 VQFN-56 Package Dimensions
8.4 Solder Reflow Profile
The FT81x is supplied in a Pb free VQFN-48 or VQFN-56 package. The recommended solder reflow profile
for the package is shown in Figure 8-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63