Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT811Q-R Fiches technique(PDF) 12 Page - Bridgetek Pte Ltd.

No de pièce FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BRIDGETEK [Bridgetek Pte Ltd.]
Site Internet  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Fiches technique(HTML) 12 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Copyright © Bridgetek Pte Ltd
12
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Pin Number
Pin Name
Type
Description
FT810
FT811
FT812
FT813
43
43
51
51
R7
O
Bit 7 of Red RGB signals.
Powered from pin VCCIO2.
44
44
52
52
R6
O
Bit 6 of Red RGB signals.
Powered from pin VCCIO2.
45
45
53
53
R5
O
Bit 5 of Red RGB signals.
Powered from pin VCCIO2.
46
46
54
54
R4
O
Bit 4 of Red RGB signals.
Powered from pin VCCIO2.
47
47
55
55
R3
O
Bit 3 of Red RGB signals.
Powered from pin VCCIO2.
48
48
56
56
R2
O
Bit 2 of Red RGB signals.
Powered from pin VCCIO2.
EP
EP
EP
EP
GND
P
Ground. Exposed thermal pad.
Table 3-1 FT81x pin description
Note:
P
: Power or ground
I
: Input
O
: Output
OD : Open drain output
I/O : Bi-direction Input and Output
AI/O: Analog Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63